Electronic Components Datasheet Search
  English  ▼

X  

LOG102AID Datasheet(PDF) 10 Page - Texas Instruments

Part # LOG102AID
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG102AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG102AID Datasheet HTML 6Page - Texas Instruments LOG102AID Datasheet HTML 7Page - Texas Instruments LOG102AID Datasheet HTML 8Page - Texas Instruments LOG102AID Datasheet HTML 9Page - Texas Instruments LOG102AID Datasheet HTML 10Page - Texas Instruments LOG102AID Datasheet HTML 11Page - Texas Instruments LOG102AID Datasheet HTML 12Page - Texas Instruments LOG102AID Datasheet HTML 13Page - Texas Instruments LOG102AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
LOG102
10
SBOS211B
FIGURE 12. Technique for Using Full-Scale Reference Current such that VOUT Increases with Increasing Photodiode Current.
A
1
A
2
LOG102
Q
1
Q
2
A
3
R
2
R
3
R
2
5
10
3
7
4
R
3
C
C
V
LOGOUT
V
REF
I
REF
I
REF =
I
MIN to IMAX
V
REF
R
1
V
OUT = VREF –
• LOG
(
)
R
2
R
3
I
REF
I
PHOTO
I
1
I
2
14
1
I
PHOTO
A/D
R
1
V
MIN to VMAX
FIGURE 13. High Side Shunt for Avalanche Photodiode (APD) Measures 3 Decades of APD Current.
A
1
–5V
SO-14
9
LOG102
Q
1
2
Q
2
I
OUT
I
OUT = 0.1 • ISHUNT
10
1.2k
Ω
Receiver
Irx = 1
µA to 1mA
I to V
Converter
APD
10gbits/sec
1k
Ω
C
C
A
2
A
3
V
OUT = 2.5V to 0V
I
SHUNT
100
µA
500
5k
Ω
5k
Ω
+15V to +60V
+5V
25k
Ω
NOTE: (1) Available Q2 2002.
INA168
SOT23-5
REF3025(1)
2.5V
+5V
1
1
14
6
54
7
3
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com