Electronic Components Datasheet Search
  English  ▼

X  

LP2952IM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2952IM Datasheet HTML 15Page - Texas Instruments LP2952IM Datasheet HTML 16Page - Texas Instruments LP2952IM Datasheet HTML 17Page - Texas Instruments LP2952IM Datasheet HTML 18Page - Texas Instruments LP2952IM Datasheet HTML 19Page - Texas Instruments LP2952IM Datasheet HTML 20Page - Texas Instruments LP2952IM Datasheet HTML 21Page - Texas Instruments LP2952IM Datasheet HTML 22Page - Texas Instruments LP2952IM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Application Information (continued)
* See Power Supply Recommendations
** Drive with TTL-low to shutdown
Figure 31. Adjustable Regulator
8.1.4 Dropout Voltage
The dropout voltage of the regulator is defined as the minimum input-to-output voltage differential required for the
output voltage to stay within 100 mV of the output voltage measured with a 1-V differential. The dropout voltage
is independent of the programmed output voltage.
8.1.5 Dropout Detection Comparator
This comparator produces a logic low whenever the output falls out of regulation by more than about 5%. This
value results from the comparator built-in offset of 60 mV divided by the 1.23-V reference (see Functional Block
Diagrams). The 5% low trip level remains constant regardless of the programmed output voltage. An out-of-
regulation condition can result from low input voltage, current limiting, or thermal limiting.
Figure 32 gives a timing diagram showing the relationship between the output voltage, the ERROR output, and
input voltage as the input voltage is ramped up and down to a regulator programmed for 5-V output. The ERROR
signal becomes low at about 1.3-V input. It goes high at about 5-V input, where the output equals 4.75 V.
Because the dropout voltage is load dependent, the input voltage trip points will vary with load current. The
output voltage trip point does not vary.
The comparator has an open-collector output which requires an external pullup resistor. This resistor may be
connected to the regulator output or some other supply voltage. Using the regulator output prevents an invalid
high on the comparator output that occurs if it is pulled up to an external voltage while the regulator input voltage
is reduced below 1.3 V. In selecting a value for the pullup resistor, note that while the output can sink 400
μA,
this current adds to battery drain. Suggested values range from 100 k
Ω to 1 MΩ. This resistor is not required if
the output is unused.
When VIN ≤ 1.3 V, the ERROR pin becomes a high impedance, allowing the error flag voltage to rise to its pullup
voltage. Using VOUT as the pullup voltage (rather than an external 5-V source) will keep the error flag voltage
below 1.2 V (typical) in this condition. The user may wish to divide down the error flag voltage using equal-value
resistors (10 k
Ω is suggested) to ensure a low-level logic signal during any fault condition, while still allowing a
valid logic high level during normal operation.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com