Electronic Components Datasheet Search
  English  ▼

X  

LP2901D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2901D
Description  Wide Supply-Voltage Range 3 V to 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2901D Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2901D Datasheet HTML 6Page - Texas Instruments LP2901D Datasheet HTML 7Page - Texas Instruments LP2901D Datasheet HTML 8Page - Texas Instruments LP2901D Datasheet HTML 9Page - Texas Instruments LP2901D Datasheet HTML 10Page - Texas Instruments LP2901D Datasheet HTML 11Page - Texas Instruments LP2901D Datasheet HTML 12Page - Texas Instruments LP2901D Datasheet HTML 13Page - Texas Instruments LP2901D Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2901DR
SOIC
D
14
2500
367.0
367.0
38.0
LP2901DR
SOIC
D
14
2500
333.2
345.9
28.6
LP339DR
SOIC
D
14
2500
367.0
367.0
38.0
LP339DR
SOIC
D
14
2500
364.0
364.0
27.0
LP339DR
SOIC
D
14
2500
333.2
345.9
28.6
LP339DRG4
SOIC
D
14
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com