Electronic Components Datasheet Search
  English  ▼

X  

LP2952IMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IMX/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2952IMX/NOPB Datasheet HTML 1Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 2Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 3Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 4Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 5Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 6Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 7Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 8Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
1 Features
3 Description
The LP2952 and LP2953 are micropower voltage
1
•
2.3-V to 30-V Input Voltage Range
regulators with very low quiescent current (130
μA
•
Output Voltage Adjusts from 1.23 V to 29 V
typical at 1-mA load) and very low dropout voltage
•
250-mA Output Current
(typically 60 mV at light load and 470 mV at 250-mA
load current). They are ideally suited for battery-
•
Extremely Low Quiescent Current
powered systems. Furthermore, the quiescent current
•
Low Dropout Voltage
increases only slightly at dropout, which prolongs
•
Extremely Tight Line and Load Regulation
battery life.
•
Very Low Temperature Coefficient
The LP2952 and LP2953 retain all the desirable
•
Current and Thermal Limiting
characteristics of the LP2951, but offer increased
output current, additional features, and an improved
•
Reverse Battery-Input Protection
shutdown function.
•
50-mA (Typical) Automatic Output Discharge
The automatic output discharge pulls the output down
•
LP2953 Versions Only
quickly when the shutdown is activated.
–
Auxiliary Comparator Included With CMOS-
and TTL-Compatible Output Levels. Can Be
The error flag goes low if the output voltage drops out
of regulation.
Used for Fault Detection, Low-Input Line
Detection, and so on.
Reverse battery-input protection is provided.
The internal voltage reference is made available for
2 Applications
external use, providing a low temperature coefficient
•
High-Efficiency Linear Regulator
(20 ppm/°C) reference with very good line (0.03%)
and load (0.04%) regulation.
•
Regulator With Undervoltage Shutdown
•
Low-Dropout Battery-Powered Regulator
Device Information(1)
•
Snap-ON/Snap-OFF Regulator
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2952x
SOIC (16)
9.90 mm × 3.91 mm
SOIC (16)
9.90 mm × 3.91 mm
LP2953x
PDIP (16)
21.755 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2952IMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2952IMX/NOPB TI2-LP2952IMX/NOPB Datasheet
1Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
REVISED MARCH 2015
LP2952IMX/NOPB.B TI2-LP2952IMX/NOPB.B Datasheet
1Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
REVISED MARCH 2015
More results

Similar Description - LP2952IMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2950 TI-LP2950 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com