Electronic Components Datasheet Search
  English  ▼

X  

DS1556 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1556
Description  1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1556 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1556 Datasheet HTML 1Page - Dallas Semiconductor DS1556 Datasheet HTML 2Page - Dallas Semiconductor DS1556 Datasheet HTML 3Page - Dallas Semiconductor DS1556 Datasheet HTML 4Page - Dallas Semiconductor DS1556 Datasheet HTML 5Page - Dallas Semiconductor DS1556 Datasheet HTML 6Page - Dallas Semiconductor DS1556 Datasheet HTML 7Page - Dallas Semiconductor DS1556 Datasheet HTML 8Page - Dallas Semiconductor DS1556 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1556 1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
2 of 20
PIN DESCRIPTION
A0–A16
- Address Input
DQ0–DQ7
- Data Input/Outputs
IRQ/FT
- Interrupt, Frequency Test Output (Open Drain)
RST
- Power-On Reset Output (Open Drain)
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power Supply Input
GND
- Ground
N.C.
- No Connection
X1, X2
- Crystal Connection
VBAT
- Battery Connection
ORDERING INFORMATION
PART
TEMP RANGE
OPERATING
VOLTAGE
(V)
PIN-PACKAGE
TOP MARK
DS1556-70
0°C to +70°C
5
32 EDIP (0.740a)
DS1556-070
DS1556-70IND
-40°C to +85°C
5
32 EDIP (0.740a)
DS1556-070 IND
DS1556P-70
0°C to +70°C
5
34 PowerCap
DS1556P-070
DS1556P-70IND
-40°C to +85°C
5
34 PowerCap
DS1556P-070 IND
DS1556W-120
0°C to +70°C
3.3
32 EDIP (0.740a)
DS1556W-120
DS1556W-120IND
-40°C to +85°C
3.3
32 EDIP (0.740a)
DS1556W-120 IND
DS1556WP-120
0°C to +70°C
3.3
34 PowerCap
DS1556WP-120
DS1556WP-120IND
-40°C to +85°C
3.3
34 PowerCap
DS1556WP-120 IND
DESCRIPTION
The DS1556 is a full-function, year-2000-compliant (Y2KC), real-time clock/calendar (RTC) with an
RTC alarm, watchdog timer, power-on reset, battery monitor, and 128k x 8 nonvolatile static RAM. User
access to all registers within the DS1556 is accomplished with a byte-wide interface as shown in Figure 1.
The RTC registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour
BCD format. Corrections for day of month and leap year are made automatically.
The RTC registers are double-buffered into an internal and external set. The user has direct access to the
external set. Clock/calendar updates to the external set of registers can be disabled and enabled to allow
the user to access static data. Assuming the internal oscillator is turned on, the internal set of registers is
continuously updated, which occurs regardless of external registers settings to guarantee that accurate
RTC information is always maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com