| Electronic Components Datasheet Search |
|
TLC2201 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2201I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2201I UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 100 500 V VIO Input offset voltage Full range 650 µV αVIO Temperature coefficient of input offset voltage Full range 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.001 0.005 µV/mo IIO Input offset current VIC = 0, RS = 50 Ω 25 °C 0.5 60 pA IIO Input offset current Full range 150 pA IIB Input bias current 25 °C 1 60 pA IIB Input bias current Full range 150 pA 0 VICR Common-mode input voltage range RS = 50 Ω Full range 0 to V VICR Common-mode input voltage range RS = 50 Ω Full range to 2.7 V VOH Maximum high-level output voltage RL = 10 kΩ 25 °C 4.7 4.8 V VOH Maximum high-level output voltage RL = 10 kΩ Full range 4.7 V VOL Maximum low-level output voltage IO = 0 25 °C 0 50 mV VOL Maximum low-level output voltage IO = 0 Full range 50 mV VO = 1 V to 4 V, 25 °C 150 315 AVD Large-signal differential voltage amplification VO = 1 V to 4 V, RL = 500 kΩ Full range 100 V/mV AVD Large-signal differential voltage amplification VO = 1 V to 4 V, 25 °C 25 55 V/mV VO = 1 V to 4 V, RL = 10 kΩ Full range 15 CMRR Common-mode rejection ratio VIC = VICRmin, 25 °C 90 110 dB CMRR Common-mode rejection ratio VO = 0, RS = 50 Ω Full range 85 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 4.6 V to 16 V 25 °C 90 110 dB kSVR Supply voltage rejection ratio ( ∆VDD± /∆VIO)VDD= 4.6 V to 16 V Full range 85 dB IDD Supply current VO = 2.5 V, No load 25 °C 1 1.5 mA IDD Supply current VO = 2.5 V, No load Full range 1.5 mA † Full range is − 40°C to +85°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. TLC2201I operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† TLC2201I UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT SR Slew rate at unity gain VO = 0.5 V to 2.5 V, 25 °C 1.8 2.5 V/ s SR Slew rate at unity gain RL = 10 kΩ,, CL = 100 pF Full range 1.2 V/ µs Vn Equivalent input noise voltage f = 10 Hz 25 °C 18 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 8 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 1 Hz 25 °C 0.5 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 25 °C 0.7 µV In Equivalent input noise current 25 °C 0.6 fA/ √Hz Gain-bandwidth product f = 10 kHz, C = 100 pF RL = 10 kΩ, 25 °C 1.8 MHz Gain-bandwidth product f = 10 kHz, CL = 100 pF RL = 10 kΩ, 25 °C 1.8 MHz φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 45 ° † Full range is − 40°C to +85°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |