Electronic Components Datasheet Search
  English  ▼

X  

TLC533AM Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC533AM
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC533AM Datasheet(HTML) 3 Page - Texas Instruments

  TLC533AM Datasheet HTML 1Page - Texas Instruments TLC533AM Datasheet HTML 2Page - Texas Instruments TLC533AM Datasheet HTML 3Page - Texas Instruments TLC533AM Datasheet HTML 4Page - Texas Instruments TLC533AM Datasheet HTML 5Page - Texas Instruments TLC533AM Datasheet HTML 6Page - Texas Instruments TLC533AM Datasheet HTML 7Page - Texas Instruments TLC533AM Datasheet HTML 8Page - Texas Instruments TLC533AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLC532AI, TLC532AM, TLC533AI, TLC533AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
functional description (continued)
A conversion cycle starts after a 2-byte instruction is written to the control register and the start conversion (SC)
bit is a logic high. This 2-byte instruction also selects the input analog channel to be converted. The status (EOC)
bit in the analog conversion data register is reset, and it remains reset until the conversion is complete, at which
time the status bit is set again. After conversion, the results are loaded into the analog conversion data register.
These results remain in the analog conversion data register until the next conversion cycle is complete. If a new
conversion command is entered into the control register while the conversion cycle is in progress, the on-going
conversion is aborted and a new channel acquisition cycle begins immediately.
The reset input R allows the device to be externally forced to a known state. When a low level is applied to the
R input for a minimum of three clock periods, the SC bit is cleared. The A/D converter is then idled and all the
outputs are placed in the high-impedance off-state. However, the content of the analog conversion data register
is not affected by the R input going to a low level.
Detailed information on interfacing to most popular microprocessors is readily available from the factory.
functional block diagram
Data Bus
Control Logic
Digital Data
Register
(Read Only)
8
12-Channel
Multiplexer
11
5
6
6
6
8
Analog MUX
Address
Control
Register
(Write Only)
8
Analog Conversion
Register
(Read Only)
8
8
8-Bit Analog-to-Digital
Converter
(Switched Capacitors)
Sample
and Hold
4
A1
(2 – 8 – 2 – 1)
R/W
CS
RS
R
CLOCK
REF +
REF –
Data Bus
Analog/Digital Input
(A10/D1 – A15/D6)
External Analog Input
(A0, A2 – A5)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com