Electronic Components Datasheet Search
  English  ▼

X  

TLC545CFN Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC545CFN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC545CFN Datasheet(HTML) 2 Page - Texas Instruments

  TLC545CFN Datasheet HTML 1Page - Texas Instruments TLC545CFN Datasheet HTML 2Page - Texas Instruments TLC545CFN Datasheet HTML 3Page - Texas Instruments TLC545CFN Datasheet HTML 4Page - Texas Instruments TLC545CFN Datasheet HTML 5Page - Texas Instruments TLC545CFN Datasheet HTML 6Page - Texas Instruments TLC545CFN Datasheet HTML 7Page - Texas Instruments TLC545CFN Datasheet HTML 8Page - Texas Instruments TLC545CFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
CHIP CARRIER
(FN)
PLASTIC DIP
(N)
0
°C to 70°C
TLC545CFN
—
TLC545CN
—
–40
°C to 85°C
TLC545IFN
TLC546IFN
TLC545IN
TLC546IN
description (continued)
The TLC545C and the TLC546C are characterized for operation from 0
°C to 70°C. The TLC545I and the
TLC546I are characterized for operation from – 40
°C to 85°C.
functional block diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
19
20
SYSTEM
CLOCK
CS
I/O
CLOCK
ADDRESS
INPUT
8-Bit
Analog-to-Digital
Converter
(Switched-capacitors)
8
4
2
5
5
8
REF –
REF +
DATA
OUT
8-to-1 Data
Selector and
Driver
Control Logic
and I/O
Counters
Output
Data
Register
Input
Multiplexer
Self-Test
Reference
Input
Address
Register
Sample
and
Hold
20-Channel
Analog
Multiplexer
INPUTS
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
25
26
23
27
22
21
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com