Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # S07D
Description  SURFACE MOUNT RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S07D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  S07D Datasheet HTML 1Page - SUNMATE electronic Co., LTD S07D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 0.7 A
1.8
4.Measured with I
0.7
S07M
S07K
S07J
S07G
S07D
S07B
S07A
S07A - S07M
10.0
1.1
VOLTAGE RANGE: 50 - 1000V
plastic body over passivated chip
Method 2026
: Color band denotes cathode end
: Any
:0.0007 ounce, 0.02 grams
A
µ
pF
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
25.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
50.0
TL=25 C
CJ
15
70
100
280
400
140
200
420
600
560
800
35
50
Case
Terminals
Polarity
Mounting Position
Weight
50
100
200
400
600
800
1000
: JEDEC SOD-123FL molded
: Plated axial leads,
solderable per MIL-STD-750,
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Note:
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
Typical junction capacitance (NOTE 2)
R
θJA
180
Typical thermal resistance (NOTE 3)
K/W
!
!
!
!
!
!
!
!
trr
F=0.5A, IR=1A, Irr=0.25A.
Maximum reverse recovery time (NOTE 5)
µs
Glass passivated device
Ideal for surface mouted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
250℃/10 seconds at terminals
!
!
!
C
Operating junction and storage temperature range TJ,TSTG
-50 to +150
1 of 2
V
V
V
A
A
V
Characteristic
Symbol
Unit
SURFACE MOUNT RECTIFIER DIODES
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
www.sunmate.tw


Similar Part No. - S07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07D BILIN-S07D Datasheet
122Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07D VISHAY-S07D Datasheet
121Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
80Kb / 6P
Small Signal Switching Diode, High Voltage
20-Aug-10
logo
Shenzhen Luguang Electr...
S07D LUGUANG-S07D Datasheet
208Kb / 3P
Surface Mount Rectifiers
More results

Similar Description - S07D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S3AC SUNMATE-S3AC Datasheet
310Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S10A SUNMATE-S10A Datasheet
417Kb / 3P
SURFACE MOUNT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com