Electronic Components Datasheet Search
  English  ▼

X  

TLC555CP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CP
Description  LinCMOSE TIMERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CP Datasheet(HTML) 2 Page - Texas Instruments

  TLC555CP Datasheet HTML 1Page - Texas Instruments TLC555CP Datasheet HTML 2Page - Texas Instruments TLC555CP Datasheet HTML 3Page - Texas Instruments TLC555CP Datasheet HTML 4Page - Texas Instruments TLC555CP Datasheet HTML 5Page - Texas Instruments TLC555CP Datasheet HTML 6Page - Texas Instruments TLC555CP Datasheet HTML 7Page - Texas Instruments TLC555CP Datasheet HTML 8Page - Texas Instruments TLC555CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLC555C is characterized for operation from 0
°C to 70°C. The TLC555I is characterized for operation from
−40
°C to 85°C. The TLC555Q is characterized for operation over the automotive temperature range of −40°C
to 125
°C. The TLC555M is characterized for operation over the full military temperature range of −55°C to
125
°C.
AVAILABLE OPTIONS†
PACKAGED DEVICES
TA
VDD
RANGE
SMALL
OUTLINE
(D)‡
SSOP
(DB)‡
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
TSSOP
(PW)‡
0
°C to 70°C
2 V to 15 V
TLC555CD
TLC555CDB
—
—
TLC555CP
TLC555CPW
−40
°C to 85°C
3 V to 15 V
TLC555ID
—
—
—
TLC555IP
—
−40
°C to 125°C
5 V to 15 V
TLC555QD
—
—
—
—
—
−55
°C to 125°C
5 V to 15 V
TLC555MD
—
TLC555MFK
TLC555MJG
TLC555MP
—
† For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
‡ This package is available taped and reeled. Add the R suffix to device type (e.g., TLC555CDR).
FUNCTION TABLE
RESET VOLTAGE‡
TRIGGER VOLTAGE‡
THRESHOLD VOLTAGE‡
OUTPUT
DISCHARGE SWITCH
<MIN
Irrelevant
Irrelevant
L
On
>MAX
<MIN
Irrelevant
H
Off
>MAX
>MAX
>MAX
L
On
>MAX
>MAX
<MIN
As previously established
‡ For conditions shown as MIN or MAX, use the appropriate value specified under electrical characteristics.
functional block diagram
GND
RESET
CONT
VDD
1
THRES
TRIG
R
R
R
DISCH
OUT
S
R
R1
Pin numbers are for all packages except the FK package. RESET can override TRIG, which can override THRES.
5
6
2
1
7
3
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com