Electronic Components Datasheet Search
  English  ▼

X  

CU8965 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CU8965
Description  Current Sense Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CU8965 Datasheet(HTML) 1 Page - Coilcraft lnc.

  CU8965 Datasheet HTML 1Page - Coilcraft lnc. CU8965 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
DCR max
Frequency
Volt-time
Sensed
Terminating
Turns (N)
Inductance2
(Ohms)
range
product3
current Iin4 resistance RT5
Part number1
pri:sec
min (mH)
pri
sec
(kHz)
(Vµsec)
max (A)
(Ohms)
CU8965-AL_
1
:100
1.33
0.0015
10.68
16 – 1000
32
20
5.0
Current Sense Transformer CU8965-AL
Document 1165-1
Document 1165-1 Revised 07/01/15
1. When ordering, please specify
packaging code:
CU8965-ALC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2500 parts per
full reel).
2. Inductance measured between secondary pins at 100 kHz, 0.1 Vrms,
0 Adc.
3. Maximum volt-time product is for the secondary, based on 2000 Gauss.
4. Primary current of 20 A causes less than 25°C temperature rise from
25°C ambient. Higher current causes a greater temperature rise (see
Temperature Rise vs Current curve).
5. Terminating resistance (RT) value is based on 1 Volt output with 20 Amps
flowing through the primary. Varying terminating resistance increases or
decreases output Voltage/Ampere according to the following equation:
RT = Vout × Nsec/
Iin.
6 Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant tin-silver over tin over nickel over phos
bronze
Weight 0.16 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2500/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 8 mm pocket spacing, 3.0 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Developed for Analog Devices ADP1051 Eighth Brick Power
Module
• Sensed current up to 20 A
• Frequency range: 16 kHz – 1 MHz
• Very low primary DC resistance
• 1500 Vdc, one second isolation between windings.
Typical Circuit
4
Sec
(100 turns)
Pri
(1 turn)
3
2
1
RT
Vout
Iin


Similar Part No. - CU8965

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CU8900N KNIGHTSBRIDGE-CU8900N Datasheet
138Kb / 1P
115/230V Dual Voltage Shaver Socket with Neon
21/03/2024
More results

Similar Description - CU8965

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
PCA ELECTRONICS INC.
EPA225 PCA-EPA225 Datasheet
31Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
CURRENT SENSE TRANSFORMER
5/10/00
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com