Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWRG4
Description  LinCMOSE TIMERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC555CPWRG4 Datasheet HTML 3Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 15 V
PARAMETER
TEST
CONDITIONS
TA†
TLC555C
TLC555I
TLC555Q, TLC555M
UNIT
PARAMETER
TEST
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25
°C
9.45
10
10.55
9.45
10
10.55
9.45
10
10.55
V
VIT
Threshold voltage
Full range
9.35
10.65
9.35
10.65
9.35
10.65
V
IIT
Threshold current
25
°C
10
10
10
pA
IIT
Threshold current
MAX
75
150
5000
pA
VI(TRIG)
Trigger voltage
25
°C
4.65
5
5.35
4.65
5
5.35
4.65
5
5.35
V
VI(TRIG)
Trigger voltage
Full range
4.55
5.45
4.55
5.45
4.55
5.45
V
II(TRIG)
Trigger current
25
°C
10
10
10
pA
II(TRIG)
Trigger current
MAX
75
150
5000
pA
VI(RESET) Reset voltage
25
°C
0.4
1.1
1.5
0.4
1.1
1.5
0.4
1.1
1.5
V
VI(RESET) Reset voltage
Full range
0.3
1.8
0.3
1.8
0.3
1.8
V
II(RESET)
Reset current
25
°C
10
10
10
pA
II(RESET)
Reset current
MAX
75
150
5000
pA
Control voltage (open
circuit) as a percent-
age of supply voltage
MAX
66.7%
66.7%
66.7%
Discharge switch
IOL = 100 mA
25
°C
0.77
1.7
0.77
1.7
0.77
1.7
V
Discharge switch
on-state voltage
IOL = 100 mA
Full range
1.8
1.8
1.8
V
Discharge switch
25
°C
0.1
0.1
0.1
nA
Discharge switch
off-state current
MAX
0.5
120
120
nA
IOH = − 10 mA
25
°C
12.5
14.2
12.5
14.2
12.5
14.2
IOH = − 10 mA
Full range
12.5
12.5
12.5
VOH
High-level output
IOH = − 5 mA
25
°C
13.5
14.6
13.5
14.6
13.5
14.6
V
VOH
High-level output
voltage
IOH = − 5 mA
Full range
13.5
13.5
13.5
V
IOH = − 1 mA
25
°C
14.2
14.9
14.2
14.9
14.2
14.9
IOH = − 1 mA
Full range
14.2
14.2
14.2
IOL = 100 mA
25
°C
1.28
3.2
1.28
3.2
1.28
3.2
IOL = 100 mA
Full range
3.6
3.7
3.8
VOL
Low-level output
IOL = 50 mA
25
°C
0.63
1
0.63
1
0.63
1
V
VOL
Low-level output
voltage
IOL = 50 mA
Full range
1.3
1.4
1.5
V
IOL = 10 mA
25
°C
0.12
0.3
0.12
0.3
0.12
0.3
IOL = 10 mA
Full range
0.4
0.4
0.45
IDD
Supply current
See Note 2
25
°C
360
600
360
600
360
600
µA
IDD
Supply current
See Note 2
Full range
800
900
1000
µA
† Full range is 0°C to 70°C for TLC555C, −40°C to 85°C for TLC555I, −40°C to 125°C for the TLC555Q, and −55°C to 125°C for TLC555M. For
conditions shown as MAX, use the appropriate value specified in the recommended operating conditions table.
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or TRIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com