Electronic Components Datasheet Search
  English  ▼

X  

TLC2872Z Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC2872Z
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872Z Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC2872Z Datasheet HTML 9Page - Texas Instruments TLC2872Z Datasheet HTML 10Page - Texas Instruments TLC2872Z Datasheet HTML 11Page - Texas Instruments TLC2872Z Datasheet HTML 12Page - Texas Instruments TLC2872Z Datasheet HTML 13Page - Texas Instruments TLC2872Z Datasheet HTML 14Page - Texas Instruments TLC2872Z Datasheet HTML 15Page - Texas Instruments TLC2872Z Datasheet HTML 16Page - Texas Instruments TLC2872Z Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using
PSpice
™ Parts™ model generation software. The Boyle
macromodel (see Note 5) and subcircuit in Figure 20 were generated using the TLC2872Z typical electrical and
operating characteristics at TA = 25°C. Using this information, output simulations of the following key parameters
can be generated to a tolerance of 20% (in most cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 5: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers,”
IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
RD1
60
11
2.653E3
RD2
60
12
2.653E3
R01
8
5
50
R02
7
99
50
RP
3
4
4.310E3
RSS
10
99
925.9E3
VAD
60
4
–.5
VB
9
0
DC 0
VC 3 53 DC .78
VE
54
4
DC .78
VLIM 7
8
DC 0
VLP
91
0
DC 1.9
VLN
0
92
DC 9.4
.MODEL DX D(IS=800.0E–18)
.MODELJXPJF(IS=1.500E–12BETA=1.316E3
+ VTO=–.270)
.ENDS
VCC +
RP
IN –
2
IN+
1
VCC –
VAD
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
60
VE
54
DE
DP
VC
DC
4
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DIP
91
DIN
92
VIN
VIP
99
7
.
SUBCKT TLC2872 1 2 3 4 5
C1
11
12
14E–12
C2
6
7
60.00E–12
DC
5
53
DX
DE
54
5
DX
DLP
90
91
DX
DLN
92
90
DX
DP
4
3
DX
EGND 99
0
POLY (2) (3,0) (4,0) 0 .5 .5
FB 7 99
POLY (5) VB VC VE VLP VLN 0
+ 984.9E3 –1E6 1E6 1E6 –1E6
GA
6
0
11 12 377.0E–6
GCM 0 6 10 99 134E–9
ISS
3
10
DC 216.OE–6
HLIM 90
0
VLIM 1K
J1
11
2
10 JX
J2
12
1
10 JX
R2
6
9
100.OE3
Figure 20. Boyle Macromodel and Subcircuit
Macromodels, simulation models, or other models provided by TI,
directly or indirectly, are not warranted by TI as fully representing all
of the specification and operating characteristics of the
semiconductor product to which the model relates.
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com