Electronic Components Datasheet Search
  English  ▼

X  

TLC2272ACD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272ACD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2272ACD Datasheet HTML 17Page - Texas Instruments TLC2272ACD Datasheet HTML 18Page - Texas Instruments TLC2272ACD Datasheet HTML 19Page - Texas Instruments TLC2272ACD Datasheet HTML 20Page - Texas Instruments TLC2272ACD Datasheet HTML 21Page - Texas Instruments TLC2272ACD Datasheet HTML 22Page - Texas Instruments TLC2272ACD Datasheet HTML 23Page - Texas Instruments TLC2272ACD Datasheet HTML 24Page - Texas Instruments TLC2272ACD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
0
−100
0
0.5
1
1.5
2
50
100
2.5
3
3.5
4
t − Time − µs
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
− 50
2.5
2.45
2.4
2.55
2.6
0
0.5
1
1.5
t − Time − µs
2.65
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
0
−1
4
1
2
3
4
5
2
1
3
5
6
7
8
9
t − Time − µs
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
0
− 2
− 3
− 5
− 4
2.5
2.45
2.4
0.5
1
1.5
2
2.5
2.55
2.6
2.65
3.5
4.5
5 5.5
t − Time − µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = −1
0
3
4
3
2
1
0
1
2
3
4
5
4
5
6
7
8
9
t − Time − µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = 1
TA = 25°C
0
0
− 1
− 3
− 4
− 5
4
− 2
1
2
3
4
5
2
1
3
5
6
7
8
9
t − Time − µs
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = − 1
0
21
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 43. Inverting Large-Signal Pulse Response
Figure 44. Voltage-Follower Large-Signal Pulse Response
Figure 45. Voltage-Follower Large-Signal Pulse Response
Figure 46. Inverting Small-Signal Pulse Response
Figure 47. Inverting Small-Signal Pulse Response
Figure 48. Voltage-Follower Small-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com