Electronic Components Datasheet Search
  English  ▼

X  

DS3650M Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3650M
Description  Quad Differential Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3650M Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS3650M Datasheet HTML 2Page - National Semiconductor (TI) DS3650M Datasheet HTML 3Page - National Semiconductor (TI) DS3650M Datasheet HTML 4Page - National Semiconductor (TI) DS3650M Datasheet HTML 5Page - National Semiconductor (TI) DS3650M Datasheet HTML 6Page - National Semiconductor (TI) DS3650M Datasheet HTML 7Page - National Semiconductor (TI) DS3650M Datasheet HTML 8Page - National Semiconductor (TI) DS3650M Datasheet HTML 9Page - National Semiconductor (TI) DS3650M Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Test Circuits and Switching Time Waveforms
DS005782-11
Note. Output of Channel B shown under test, other channels are tested similarly.
S1 at “B” for DS1650/DS3650
CL = 50 pF total for DS3650
DS005782-12
Note. EIN waveform characteristics:
tTLH and tTHL ≤ 10 ns measured
10% to 90%
PRR = 1 MHz
Duty Cycle = 50%
FIGURE 8. Receiver Propagation Delay t
PLH(D) and tPHL(D)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com