Electronic Components Datasheet Search
  English  ▼

X  

TLC2933IPWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 5 Page - Texas Instruments

  TLC2933IPWLE Datasheet HTML 1Page - Texas Instruments TLC2933IPWLE Datasheet HTML 2Page - Texas Instruments TLC2933IPWLE Datasheet HTML 3Page - Texas Instruments TLC2933IPWLE Datasheet HTML 4Page - Texas Instruments TLC2933IPWLE Datasheet HTML 5Page - Texas Instruments TLC2933IPWLE Datasheet HTML 6Page - Texas Instruments TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD (each supply, see Note 3)
VDD = 3 V
2.85
3
3.15
V
Supply voltage, VDD (each supply, see Note 3)
VDD = 5 V
4.75
5
5.25
V
Input voltage, VI (inputs except VCO IN)
0
VDD
V
Output current, IO (each output)
0
±2
mA
VCO control voltage at VCO IN
1
VDD
V
Lock frequency
VDD = 3 V
37
55
MHz
Lock frequency
VDD = 5 V
43
100
MHz
Bias resistor, RBIAS
VDD = 3 V
1.8
2.7
k
Ω
Bias resistor, RBIAS
VDD = 5 V
2.2
3
k
Ω
NOTE 3: It is recommended that the logic supply terminal (LOGIC VDD) and the VCO supply terminal (VCO VDD) be at the same voltage and
separated from each other.
electrical characteristics over recommended operating free-air temperature range, VDD = 3 V
(unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.3
V
VIT +
Positive input threshold voltage at TEST, VCO INHIBIT
0.9
1.5
2.1
V
II
Input current at TEST, VCO INHIBIT
VI = VDD or ground
±1
µA
Zi(VCO IN)
Input impedance at VCO IN
VCO IN = 1/2 VDD
10
M
Ω
IDD(INH)
VCO supply current (inhibit)
See Note 4
0.01
1
µA
IDD(VCO)
VCO supply current
See Note 5
5.1
15
mA
NOTES:
4. The current into VCO VDD and LOGIC VDD when VCO INHIBIT = VDD and PFD INHIBIT is high.
5. The current into VCO VDD and LOGIC VDD when VCO IN = 1/2 VDD, RBIAS = 2.4 kΩ, VCO INHIBIT = ground, and PFD INHIBIT
is high.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.7
V
VOL
Low-level output voltage
IOL = 2 mA
0.2
V
IOZ
High-impedance-state output current
PFD INHIBIT = high,
VI = VDD or ground
±1
µA
VIH
High-level input voltage at FIN−A, FIN−B
2.1
V
VIL
Low-level input voltage at FIN−A, FIN−B
0.9
V
VIT +
Positive input threshold voltage at PFD INHIBIT
0.9
1.5
2.1
V
Ci
Input capacitance at FIN−A, FIN−B
5
pF
Zi
Input impedance at FIN−A, FIN−B
10
M
Ω
IDD(Z)
High-impedance-state PFD supply current
See Note 6
0.01
1
µA
IDD(PFD)
PFD supply current
See Note 7
0.7
4
mA
NOTES:
6. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
7. The current into LOGIC VDD when FIN−A and FIN−B = 30 MHz (VI(PP) = 3 V, rectangular wave), PFD INHIBIT = GND, PFD OUT
open, and VCO OUT is inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com