Electronic Components Datasheet Search
  English  ▼

X  

TLC3702CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CD
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CD Datasheet(HTML) 3 Page - Texas Instruments

  TLC3702CD Datasheet HTML 1Page - Texas Instruments TLC3702CD Datasheet HTML 2Page - Texas Instruments TLC3702CD Datasheet HTML 3Page - Texas Instruments TLC3702CD Datasheet HTML 4Page - Texas Instruments TLC3702CD Datasheet HTML 5Page - Texas Instruments TLC3702CD Datasheet HTML 6Page - Texas Instruments TLC3702CD Datasheet HTML 7Page - Texas Instruments TLC3702CD Datasheet HTML 8Page - Texas Instruments TLC3702CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/°C
464 mW
377 mW
145 mW
FK
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
JG
1050 mW
8.4 mW/°C
672 mW
546 mW
210 mW
P
1000 mW
8.0 mW/°C
640 mW
520 mW
N/A
recommended operating conditions
TLC3702C
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
− 0.2
VDD − 1.5
V
High-level output current, IOH
−20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
T
TLC3702C
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
V
Input offset voltage
VDD = 5 V to 10 V,
V
V
min
25°C
1.2
5
mV
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
0°C to 70°C
6.5
mV
I
Input offset current
V
25 V
25°C
1
pA
IIO
Input offset current
VIC = 2.5 V
70°C
0.3
nA
I
Input bias current
V
25 V
25°C
5
pA
IIB
Input bias current
VIC = 2.5 V
70°C
0.6
nA
V
Common mode input voltage range
25°C
0 to VDD − 1
V
VICR
Common-mode input voltage range
0°C to 70°C
0 to VDD − 1.5
V
25°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
70°C
84
dB
CMRR
Common mode rejection ratio
VIC VICRmin
0°C
84
dB
25°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
70°C
85
dB
kSVR
Supply voltage rejection ratio
VDD 5 V to 10 V
0°C
85
dB
V
High level output voltage
VID = 1 V,
25°C
4.5
4.7
V
VOH
High-level output voltage
VID = 1 V,
IOH = −4 mA
70°C
4.3
V
V
Low level output voltage
VID = −1 V,
25°C
210
300
mV
VOL
Low-level output voltage
VID = 1 V,
IOH = 4 mA
70°C
375
mV
I
Supply current (both comparators)
Outputs low No load
25°C
18
40
μA
IDD
Supply current (both comparators)
Outputs low, No load
0°C to 70°C
50
μA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com