Electronic Components Datasheet Search
  English  ▼

X  

TLC34076 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34076 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC34076 Datasheet HTML 17Page - Texas Instruments TLC34076 Datasheet HTML 18Page - Texas Instruments TLC34076 Datasheet HTML 19Page - Texas Instruments TLC34076 Datasheet HTML 20Page - Texas Instruments TLC34076 Datasheet HTML 21Page - Texas Instruments TLC34076 Datasheet HTML 22Page - Texas Instruments TLC34076 Datasheet HTML 23Page - Texas Instruments TLC34076 Datasheet HTML 24Page - Texas Instruments TLC34076 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
2–5
2.3.1
SCLK
Data is latched inside the device on the rising edge of LOAD, which is basically the same as SCLK but not
disabled during Blank active period. Therefore, SCLK must be set as a function of the pixel bus width and
the number of bit planes. SCLK can be selected as 1, 2, 4, 8, 16, or 32 divisions of the dot clock. When SCLK
is not used, the output is switched off and held low to protect against VRAM lock-up due to invalid SCLK
frequencies. SCLK is also held low during the Blank active period. The SCLK control timing has been
designed to interface directly with the external system VRAM. The shift register in the system VRAM should
be updated during the Blank active period. This allows the first SCLK out of Blank to clock the VRAM and
enable the first group of pixel data to appear on the pixel bus, as well as at the TLC34076 pixel input port.
The second SCLK after Blank latches the first group of pixel port data into the TLC34076.
The trailing edge of VCLK is used internally by the TLC34076 to sample and latch the BLANK input. When
BLANK becomes active, SCLK is disabled as soon as possible. For example, when SCLK is high and the
sampled BLANK goes low, SCLK is allowed to complete the clock cycle and return to the low state. SCLK
is then held low until the sampled BLANK signal goes high. At this time, SCLK is enabled to clock the VRAM
again. The TLC34076 video blanking circuitry is designed with sufficient pipeline delay to allow the internally
sampled BLANK signal to align with the pipelined RGB data to the video DACs. The logic described herein
works in situations where the SCLK period is shorter than, equal to, or longer than the VCLK period.
When the VRAM split shift-register operation is performed, the SCLK timing is adjusted to work with the
SFLAG input. Basically, the split shift register operation inserts a SCLK during the Blank period. This causes
the first group of pixel data to appear at the pixel port during the Blank signal. The first SCLK after Blank
then latches this data into the TLC34076. Figure 2–3 shows the case when the split shift register transfer
(SSRT) function is enabled. When a rising edge occurs on the SFLAG input, one SCLK with a minimum of
15-ns pulse duration is generated after the specified delay. Since this is designed to meet VRAM timing
requirements, the SSRT-generated SCLK replaces the first SCLK in the regular shift register transfer case
as previously described (see to Section 2.9 for a detailed explanation of the SSRT function).
The default divide ratio for SCLK is 1:1 as used in mode 0.
Depending on the frequency relationship between SCLK and VCLK, their phase relationship could be critical
(see Appendix C for a more detailed discussion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com