Electronic Components Datasheet Search
  English  ▼

X  

TLC4502ACD Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACD
Description  FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACD Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC4502ACD Datasheet HTML 14Page - Texas Instruments TLC4502ACD Datasheet HTML 15Page - Texas Instruments TLC4502ACD Datasheet HTML 16Page - Texas Instruments TLC4502ACD Datasheet HTML 17Page - Texas Instruments TLC4502ACD Datasheet HTML 18Page - Texas Instruments TLC4502ACD Datasheet HTML 19Page - Texas Instruments TLC4502ACD Datasheet HTML 20Page - Texas Instruments TLC4502ACD Datasheet HTML 21Page - Texas Instruments TLC4502ACD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
Rnull = 50 Ω
Rnull = 20 Ω
Rnull = 0
45
30
15
0
10
60
75
PHASE MARGIN
vs
LOAD CAPACITANCE
90
100
1 k
10 k
100 k
CL – Load Capacitance – pF
50 k
Ω
50 k
Ω
VDD –
VDD +
Rnull
CL
VI
+
–
Figure 29
Rnull = 50 Ω
Rnull = 20 Ω
Rnull = 0
TA 25°C
15
10
5
0
10
20
25
GAIN MARGIN
vs
LOAD CAPACITANCE
30
100
1 k
10 k
100 k
CL – Load Capacitance – pF
Figure 30
TA – Free-Air Temperature – °C
115
110
105
100
–50
–25
0
25
50
120
125
POWER SUPPLY REJECTION RATIO
vs
FREE-AIR TEMPERATURE
130
75
100
125
VDD = 4 V To 6 V
VIC = VO = VDD/2
Figure 31
–1
–1.5
–2
–3
0
100 200 300 400 500 600
–0.5
0
t – Time – ms
CALIBRATION TIME AT – 40
°C
0.5
700 800 900 1000
–2.5
VDD = 2.5 V
GND = –2.5 V
RL = 1 kΩ to GND
AV = –1
VI = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com