Electronic Components Datasheet Search
  English  ▼

X  

ST128089 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST128089
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST128089 Datasheet(HTML) 1 Page - E-SWITCH

  ST128089 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP7T1B1M2QEH
2:1
8/5/2016
ST128089
A
MW
1
1
P.C. MOUNTING
Without
Locking Ring
With Standard
Locking Ring
PANEL MOUNTING
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5AMPS W/RESISTIVE LOAD @120VAC OR 28VDC
2 AMPS W/ RESISTIVE LOAD @250VAC
6. ELECTRIC LIFE: 40,000 make-and-break cycles at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level
9. OPERATING TEMP.: -30 C to 85 C
10.
DENOTES CRITICAL PARAMETER
11. 2011/65/EU (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK:
T100011 - LOCK WASHER, QTY 1
T100015 - LOCK RING, QTY 1
T100000 - HEX NUT, QTY 2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
(ON)
2-3, 5-6
2-3, 5-4 (2-1, 5-4)
2
1
3
CIRCUIT: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
6
8.89
[.35 in]
12.70
[.500 in]
11.43
[.450 in]
6.60
[.26 in]
3
5
4
6
1/4-40 UNS-2A
THREADS
8.89
[.35 in]
10.41
[.41 in]
25
POS. 1 POS. 2 POS. 3
A
22425
NEW PART RELEASE
8/5/16
MW
100DP7T1B1M2QE
(T128089)
1.27
[.050 in]
4.83
[.190 in]
.76
[.030 in]
4.70
[.185 in]
4.70
[.185 in]
.71
[.028 in]
1.02
[.040 in]
( ) = MOMENTARY
KEYWAY
RATING
9.40
[.370 in]
4.70
[.185 in]
4.83
[.190 in]
1.85
[.073 in]
6.35
[.250 in]
6.35
[.250 in]
2.38
[.094 in]
.85
[.033 in]
.55
[.022 in]
6.10
[.240 in]
2.92
[.115 in]


Similar Part No. - ST128089

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST128085 E-SWITCH-ST128085 Datasheet
152Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST128087 E-SWITCH-ST128087 Datasheet
150Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST128088 E-SWITCH-ST128088 Datasheet
146Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST128089

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com