Electronic Components Datasheet Search
  English  ▼

X  

MBR1640 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBR1640
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR1640 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBR1640 Datasheet HTML 1Page - Diode Semiconductor Korea MBR1640 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --MAXIMUM NON-REPETITIVE
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
℃
MBR1630 ---MBR16100
FIG.1 -- FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE,VOLTS
PULSE DURATION,Sec
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.5--TYPICAL JUNCTION CAPACITANCE
0
1
25
50
100
75
125
150
10
100
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
0.1
100
MBR1650-MBR16100
MBR1635-MBR1645
1100
10
4,000
1,000
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
TJ=25℃
MBR1650-MBR16100
MBR1630-MBR1645
TJ=125℃
TJ=75℃
020
40
80
60
100
1
10
50
0.1
0.01
0.001
TJ=125℃
0.01
50
0.1
1
10
0 0.1 0.2 0.3
0.6 0.7
Pulse width=300μs
1% Duty Cycle
0.4 0.5
0.8
TJ=25℃
MBR1650-MBR1660
MBR1630-MBR1645
0.9 1.0 1.1 1.2
Resistive or Inductive Load
0
50
100
150
0
12
4
8
16
20
1
0.01
0.1
0.1
1
100
10
10
100
MBR1690-MBR16100
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com