Electronic Components Datasheet Search
  English  ▼

X  

MBR3045PT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBR3045PT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR3045PT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBR3045PT Datasheet HTML 1Page - Diode Semiconductor Korea MBR3045PT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
500
.4
.5
.9
1.1
10
.6
1.0
.7
.8
Pulse width = 300
µs
1% Duty Cycle
1.3 1.4
.3
1.2
1
100 TJ=125
TJ=25
1.5
MBR3030PT-MBR3045PT
MBR3050PT-MBR3060PT
MBR3080PT-MBR30100PT
10
040
6
0
20
100
120
140
80
MBR3030PT-MBR3060PT
.
1
1
.01
MBR3080PT-MBR30100PT
TC=125
℃
TC=25
℃
MBR3080PT-MBR30100PT
MBR3030PT-MBR3060PT
0
40
1
100
200
80
120
160
10
8.3ms Single Half Sine Wave
TJ=125
25
50
75
100
125
150
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
MBR3030PT- - - MBR30100PT
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
0
6.0
12
18
24
30
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com