Electronic Components Datasheet Search
  English  ▼

X  

MBRF845 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBRF845
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRF845 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBRF845 Datasheet HTML 1Page - Diode Semiconductor Korea MBRF845 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
PIN
10.2± 0.2
4.0± 0.3
5.0± 0.1
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device11111111
m rectified current @T
C = 125°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(I
voltage
(IF=8.0A,TC=25
)
(Note 1)
(IF=16A,TC=25
)
F=8.0A ,TC=125
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note 2)
RθJC
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2
. Thermal resistance f rom junction to case.
m A
30
35
40
45
50
60
80
100
8.0
150
30
35
40
45
50
60
80
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 8.0 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC ITO-220AC,m olded plastic body
SCHOTTKY BARRIER RECTIFIER
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.1
0.5
3.0
ITO-220AC
MBRF830---MBRF8100
MBRF MBRF MBRF MBRF MBRF MBRF MBRF MBRF
830
835
840
845
850
860
880
8100
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight:0.056 ounces,1.587 gram
15
50
V
0.57
0.70
0.84
0.70
-
0.80
0.85
0.95
-
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
Dimensions in millimeters
21
25
28
32
35
42
56
70
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBRF845

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBRF845 BILIN-MBRF845 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF845 DACHANG-MBRF845 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
logo
Shenzhen Luguang Electr...
MBRF845 LUGUANG-MBRF845 Datasheet
244Kb / 2P
Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBRF845 DACHANG-MBRF845 Datasheet
151Kb / 2P
Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
MBRF845 ZSELEC-MBRF845 Datasheet
322Kb / 2P
A SCHOTTKY BARRIER DIODE 8.0
More results

Similar Description - MBRF845

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com