Electronic Components Datasheet Search
  English  ▼

X  

SB040 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SB040
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SB040 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SB040 Datasheet HTML 1Page - Diode Semiconductor Korea SB040 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TJ=125℃
0.01
0.1
1
10
0
0.2 0.4 0.6
1.2 1.4
Pulse width=300
s
1% Duty Cycle
0.8 1.0
1.6
TJ=25℃
50
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.5--TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
PULSE DURATION,Sec.
PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
SB020 --- SB040
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --MAXIMUM NON-REPETITIVE
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0
25
1
1 0
100
25
30
20
10
5
TJ=TJMAX
8.3ms Single Half
Sine-Wave
10
100
400
0.1
1
10
100
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
0.001
0.01
020
40
60
1
10
100
80
100
TJ=75℃
TJ=125℃
0.1
TJ=25
0
20
40
60
80
100
120
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
0
140
0.4
0.6
0.8
0.2
0.1
0.1
1
10
0.01
100
100
1
10
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com