Electronic Components Datasheet Search
  English  ▼

X  

SF81 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SF81
Description  ULTRA FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF81 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SF81 Datasheet HTML 1Page - Diode Semiconductor Korea SF81 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low s witching losses
High s urge capability
MECHANICAL DATA
Case:JEDEC TO--220AC,molded plastic
Terminals: Leads solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight:
0.064 ounces,1.81 gram
Mounting position: Any
Ratings at 25
am bient tem perature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
S
F82
S
F83
S
F84
S
F85
S
F86
UNITS
Maximum recurrent peak reverse voltage
VRRM
100
15
0
2
00
3
00
4
00
V
Maximum RMS voltage
VRMS
70
105
14
0
210
28
0
V
Maximum DC blocking voltage
VDC
1
00
150
2
00
3
00
4
00
V
Maximum average forw ard rectified current
@TC=100
Peak forw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=100
Typical thermal resistance
(Note 2)
R θJC
/W
Operating junction temperature range
T
J
Storage temperature range
TSTG
-55 ---- + 150
Maximum instantaneous forw ard voltage
@ 8.0A
VF
10
500
V
1.0
1.35
1
25
50
S
F81
35
50
8.0
2.Thermal resistance junction to case.
µ A
IR
IFSM
NOTE: 1. Measured at 1MHz and applied reverse voltage of 4.0 volts.
A
3.0
- 55 ---- +150
SF81 --- SF86
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
ULTRA FAST RECTIFIERS
VOLTAGE RANGE: 50 --- 400 V
CURRENT: 8.0A
TO - 220AC
The plastic material carries U/L recognition 94V-
O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
mm
Maximum reverse recovery time
(Note 3)
trr
35
50
ns
3.Reverse recovery test conditions:IF=0.5A,IR=1A,Irr=0.25A
Typical junction capacitance (Note 1)
C
J
50
30
PF
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SF81

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF81 BYTES-SF81 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF81 DCCOM-SF81 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF81 DIODES-SF81 Datasheet
63Kb / 2P
8.0A SUPER-FAST RECOVERY RECTIFIER
DS24005 Rev. C-3
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF81

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
HER601 JUXING-HER601 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com