Electronic Components Datasheet Search
  English  ▼

X  

SR280 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SR280
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR280 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SR280 Datasheet HTML 1Page - Diode Semiconductor Korea SR280 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
SR220 --- SR2A0
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
XXXXXXXXX----CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
0.01
50
0.1
1
0
0.2 0.4 0.6
1.2 1.4
0.8 1.0
1.6
10
SR220 - SR240
SR280 - SR2A0
SR250 - SR260
Pulse Width=300
µs
1% DUTY CYCLE
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
10
100
400
0.1
1
10
100
0
40
1
20
50
30
10
TJ=TJMAX
8.3ms Single Half
Sine-Wave
100
10
0
25
50
75
100
125
150
0
175
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
1.0
2.0
0.5
1.5
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com