Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3981 Datasheet(HTML) 1 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN
BYPASS
LP3981
2.2 µF
EN
OUT-SENSE
OUT
2(2)
7(6)
1(1)
4(3)
6(5)
5(4)
2.2 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LP3981
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
1 Features
3 Description
Performance of the LP3981 device is optimized for
1
•
2.5-V to 6-V Input Range
battery-powered systems to deliver ultra-low-noise,
•
300-mA Output Current
extremely low dropout voltage, and low quiescent
•
60-dB PSRR at 1 kHz
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
•
≤ 1-μA Quiescent Current When Shut Down
•
Fast Turnon Time: 120
μs (typical) with CBYPASS =
Power supply rejection is better than 60 dB at low
0.01 µF
frequencies. This high power supply rejection is
maintained down to lower input voltage levels
•
132-mV Typical Dropout with 300-mA Load
common to battery-operated circuits.
•
35-
μVrms Output Noise Over 10 Hz to 100 kHz
The device is ideal for mobile phone and similar
•
Logic Controlled Enable
battery-powered wireless applications. It provides up
•
Stable With Ceramic and High-Quality Tantalum
to 300 mA, from a 2.5-V to 6-V input, consuming less
Capacitors
than 1 µA in disable mode.
•
Thermal Shutdown and Short-Circuit Current Limit
The LP3981 is available in 8-pin VSSOP-8 and 6-pin
•
Low Thermal Resistance in WSON-6 Package
WSON packages. Performance is specified for
−40°C
Gives Excellent Power Capability
to +125°C temperature range. The device available in
the following output voltages: 2.5 V, 2.7 V, 2.8 V,
2.83 V, 3 V, 3.03 V and 3.3 V as standard. Other
2 Applications
output options can be made available; contact your
•
CDMA Cellular Handsets
local TI sales office for more information.
•
Wideband CDMA Cellular Handsets
Device Information(1)
•
GSM Cellular Handsets
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Portable Information Appliances
WSON (6)
4.00 mm x 3.00 mm
LP3981
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Note: Pin numbers in parenthesis indicate WSON package.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com