Electronic Components Datasheet Search
  English  ▼

X  

LP3982 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3982
Description  Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3982 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments LP3982 Datasheet HTML 17Page - Texas Instruments LP3982 Datasheet HTML 18Page - Texas Instruments LP3982 Datasheet HTML 19Page - Texas Instruments LP3982 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
3.3V
4.3V
IL =
300mA
500 Ps/DIV
VOUT
IOUT
IL =
300mA
500 Ps/DIV
LP3982
SNVS185E – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
For more information about the thermal characteristics
ΨJT and ΨJB, see the TI Application Report
Semiconductor and IC Package Thermal Metrics (SPRA953), available for download at www.ti.com.
For more information about measuring TTOP and TBOARD, see the TI Application Report Using New Thermal
Metrics (SBVA025), available for download at www.ti.com.
For more information about the EIA/JEDEC JESD51 PCB used for validating RθJA, see the TI Application Report
Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs (SZZA017), available for
download at www.ti.com.
8.2.3 Application Curves
Figure 20. Load Transient
Figure 19. Line Transient Response
9 Power Supply Recommendations
The LP3982 is designed to operate from an input voltage supply range between 2.5 V and 6 V. The input voltage
range provides adequate headroom in order for the device to have a regulated output. This input supply must be
well regulated. If the input supply is noisy, additional input capacitors with low ESR can help to improve the
output noise performance.
16
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LP3982



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com