Electronic Components Datasheet Search
  English  ▼

X  

LP3984 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3984
Description  Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3984 Datasheet(HTML) 3 Page - Texas Instruments

  LP3984 Datasheet HTML 1Page - Texas Instruments LP3984 Datasheet HTML 2Page - Texas Instruments LP3984 Datasheet HTML 3Page - Texas Instruments LP3984 Datasheet HTML 4Page - Texas Instruments LP3984 Datasheet HTML 5Page - Texas Instruments LP3984 Datasheet HTML 6Page - Texas Instruments LP3984 Datasheet HTML 7Page - Texas Instruments LP3984 Datasheet HTML 8Page - Texas Instruments LP3984 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LP3984
www.ti.com
SNVS160F – OCTOBER 2001 – REVISED OCTOBER 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN, VEN
−0.3 to 6.5V
VOUT
–0.3 to (VIN+0.3) ≤ 6.5V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temp.
235°C
Pad Temp.(4)
235°C
Maximum Power Dissipation(5)
SOT-23-5
364 mW
DSBGA
235 mW
ESD Rating(6)
Human Body Model
2kV
Machine Model
200V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Additional information on pad temperature can be found in the TI AN-1112 Application Report ().
(5)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula: PD = (TJ -
TA)/θJA,where TJ is the junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance. The
364 mW rating for SOT23-5 appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150°C, for TJ, 70°C for TA, and 220°C/W for θJA. More power can be dissipated safely at ambient temperatures below
70°C . Less power can be dissipated safely at ambient temperatures above 70°C. The Absolute Maximum power dissipation for SOT23-
5 can be increased by 4.5 mW for each degree below 70°C, and it must be derated by 4.5mW for each degree above 70°C.
(6)
The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
OPERATING RATINGS
(1) (2)
VIN
2.5 to 6V
VEN
0 to (VIN+0.3V) ≤ 6V
Junction Temperature
−40°C to +125°C
Thermal Resistance
θJA (SOT23-5)
220°C/W
θJA (DSBGA)
340°C/W
Maximum Power Dissipation(3)
SOT-23-5
250mW
DSBGA
160mW
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
250mW rating for SOT23-5 appearing under Operating Ratings results from substituting the maximum junction temperature for
operation, 125°C, for TJ, 70°C for TA, and 220°C/W for θJA using the formula: PD = (TJ - TA)/θJA. More power can be dissipated at
ambient temperatures below 70°C . Less power can be dissipated at ambient temperatures above 70°C. The maximum power
dissipation for operation can be increased by 4.5 mW for each degree below 70°C, and it must be derated by 4.5mW for each degree
above 70°C.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com