Electronic Components Datasheet Search
  English  ▼

X  

DS3668 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS3668
Description  Quad Fault Protected Peripheral Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3668 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3668 Datasheet HTML 1Page - National Semiconductor (TI) DS3668 Datasheet HTML 2Page - National Semiconductor (TI) DS3668 Datasheet HTML 3Page - National Semiconductor (TI) DS3668 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5225
March 1995
DS3668 Quad Fault Protected Peripheral Driver
General Description
The DS3668 quad peripheral driver is designed for those
applications where low operating power high breakdown
voltage high output current and low output ON voltage are
required Unlike most peripheral drivers available a unique
fault protection circuit is incorporated on each output When
the load current exceeds 10A (approximately) on any out-
put for more than a built-in delay time nominally 12 ms that
output will be shut off by its protection circuitry with no effect
on other outputs This condition will prevail until that protec-
tion circuitry is reset by toggling the corresponding input or
the enable pin low for at least 10 ms This built-in delay is
provided to ensure that the protection circuitry is not trig-
gered by turn-on surge currents associated with certain
kinds of loads
The DS3668’s inputs combine TTL compatibility with high
input impedance In fact its extreme low input current al-
lows it to be driven directly by a MOS device The outputs
are capable of sinking 600 mA each and offer a 70V break-
down However for inductive loads the output should be
clamped to 35V or less to avoid latch up during turn off
(inductive fly-back protection
refer AN-213) An on-chip
clamp diode capable of handling 800 mA is provided at
each output for this purpose In addition the DS3668 incor-
porates circuitry that guarantees glitch-free power up or
down operation and a fail-safe feature which puts the output
in a high impedance state when the input is open
The molded package is specifically constructed to allow in-
creased power dissipation over conventional packages The
four ground pins are directly connected to the device chip
with a special copper lead frame When the quad driver is
soldered into a PC board the power rating of the device
improves significantly
Applications
Y
Relay drivers
Y
Solenoid drivers
Y
Hammer drivers
Y
Stepping motor drivers
Y
Triac drivers
Y
LED drivers
Y
High current high voltage drivers
Y
Level translators
Y
Fiber optic LED drivers
Features
Y
Output fault protection
Y
High impedance TTL compatible inputs
Y
High output current600 mA per output
Y
No output latch-up at 35V
Y
Low output ON voltage (550 mV typ
600 mA)
Y
High breakdown voltage (70V)
Y
Open collector outputs
Y
Output clamp diodes for inductive fly-back protection
Y
NPN inputs for minimal input currents (1 mA typical)
Y
Low operating power
Y
Standard 5V power supply
Y
Power updown protection
Y
Fail-safe operation
Y
2W power package
Y
Pin-for-pin compatible with SN75437
Connection Diagram
Dual-In-Line Package
TLF5225 – 1
Top View
Truth Table
IN
EN
OUT
HH
L
LH
Z
HL
Z
LL
Z
H e High state
L e Low state
Z e High impedance state
Order Number DS3668N
See NS Package Number N16E
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS3668

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3668 TI1-DS3668 Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
DS3668 TI2-DS3668 Datasheet
156Kb / 7P
Quad Fault Protected Peripheral Driver
January 2001
DS3668 TI2-DS3668 Datasheet
223Kb / 9P
Quad Fault Protected Peripheral Driver
January 2001
DS3668N/NOPB TI1-DS3668N/NOPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
DS3668N/NOPB TI2-DS3668N/NOPB Datasheet
156Kb / 7P
Quad Fault Protected Peripheral Driver
January 2001
More results

Similar Description - DS3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
Quad High Current Peripheral Driver
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
5706 ALLEGRO-5706 Datasheet
90Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
logo
National Semiconductor ...
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
DS3656 Quad Peripheral Driver
logo
Allegro MicroSystems
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com