Electronic Components Datasheet Search
  English  ▼

X  

PCA8565 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors PCA8565 Datasheet HTML 10Page - NXP Semiconductors PCA8565 Datasheet HTML 11Page - NXP Semiconductors PCA8565 Datasheet HTML 12Page - NXP Semiconductors PCA8565 Datasheet HTML 13Page - NXP Semiconductors PCA8565 Datasheet HTML 14Page - NXP Semiconductors PCA8565 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
11 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
3. Clear STOP (control/status 1, bit STOP = 0)
4. Set time registers to desired value
5. Apply 32 clock pulses to CLKOUT
6. Read time registers to see the first change
7. Apply 64 clock pulses to CLKOUT
8. Read time registers to see the second change.
Repeat 7 and 8 for additional increments.
8.8 Power-On Reset (POR) override
The POR duration is directly related to the crystal oscillator start-up time. Due to the
long start-up times experienced by these types of circuits, a mechanism has been
built in to disable the POR and hence speed up on-board test of the device. The
setting of this mode requires that the I2C-bus pins, SDA and SCL, be toggled in a
specific order as shown in Figure 5. All timings are required minimums.
Once the override mode has been entered, the device immediately stops being reset
and normal operation may commence i.e. entry into the EXT_CLK test mode via
I2C-bus access. The override mode may be cleared by writing a logic 0 to TESTC.
TESTC must be set to logic 1 before re-entry into the override mode is possible.
Setting TESTC to logic 0 during normal operation has no effect except to prevent
entry into the POR override mode.
9.
Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or
modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both
lines must be connected to a positive supply via a pull-up resistor. Data transfer may
be initiated only when the bus is not busy.
9.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must
remain stable during the HIGH period of the clock pulse as changes in the data line at
this time will be interpreted as a control signal (see Figure 6).
Fig 5.
POR override sequence.
handbook, full pagewidth
MGM664
SCL
500 ns
2000 ns
SDA
8 ms
override active
power up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com