Electronic Components Datasheet Search
  English  ▼

X  

PCA8565TS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 4Page - NXP Semiconductors PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors PCA8565TS Datasheet HTML 10Page - NXP Semiconductors PCA8565TS Datasheet HTML 11Page - NXP Semiconductors PCA8565TS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
8 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
These bits may be re-assigned by the user.
8.6.4
Alarm registers
When one or more of these registers are loaded with a valid minute, hour, day or
weekday and its corresponding bit Alarm Enable (AE) is logic 0, then that information
will be compared with the current minute, hour, day and weekday. When all enabled
comparisons first match, the Alarm Flag (AF) is set. AF will remain set until cleared
by software. Once AF has been cleared it will only be set again when the time
increments to match the alarm condition once more. Alarm registers which have their
bit AE at logic 1 will be ignored.
Thursday
xxxxx1
0
0
Friday
xxxxx1
0
1
Saturday
xxxxx1
1
0
Table 14:
Weekday assignments…continued
Day
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Table 15:
Months/century (address 07H) bits description
Bit
Symbol
Value
Description
7
century[1]
this bit is toggled when the years register overflows from 99 to 00
0
indicates the century is 20xx
1
indicates the century is 19xx
4 to 0
month
01 to 12
this register holds the current month coded in BCD format, see Table 16
Table 16:
Month assignments
Month
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
C
x
x
00001
February
C
x
x
00010
March
C
x
x
00011
April
C
x
x
00100
May
C
x
x
00101
June
C
x
x
00110
July
C
x
x
00111
August
C
x
x
01000
September
C
x
x
01001
October
C
x
x
10000
November
C
x
x
10001
December
C
x
x
10010
Table 17:
Years (address 08H) bits description
Bit
Symbol
Value
Description
7 to 0
years
00 to 99
this register holds the current year coded in BCD format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com