Electronic Components Datasheet Search
  English  ▼

X  

HV2321 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2321
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2321 Datasheet(HTML) 4 Page - Supertex, Inc

  HV2321 Datasheet HTML 1Page - Supertex, Inc HV2321 Datasheet HTML 2Page - Supertex, Inc HV2321 Datasheet HTML 3Page - Supertex, Inc HV2321 Datasheet HTML 4Page - Supertex, Inc HV2321 Datasheet HTML 5Page - Supertex, Inc HV2321 Datasheet HTML 6Page - Supertex, Inc HV2321 Datasheet HTML 7Page - Supertex, Inc HV2321 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HV2321
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Sym
Parameter
0OC
+25OC
+70OC
Units Conditions
Min
Max
Min
Typ
Max
Min
Max
AC Electrical Characteristics
(Over recommended operating conditions: V
DD = +5.0V, tR = tF ≤5.0ns, 50% duty cycle, VPP = +40V, VNN = -200V, CLOAD = 20pF, unless otherwise specified)
t
SD
Set up time before LE rises
-
-
25
-
-
-
-
ns
---
t
WLE
Time width of LE
-
-
-
56
-
-
-
ns
V
DD = 3.0V
-
-
-
12
-
-
-
V
DD = 5.0V
t
DO
Clock delay time to data out
-
-
-
78
-
-
-
ns
V
DD = 3.0V
-
-
-
30
-
-
-
V
DD = 5.0V
t
WCL
Time width of CLR
-
-
55
-
-
-
-
ns
---
t
SU
Set up time data to clock
-
-
-
21
-
-
-
ns
V
DD = 3.0V
-
-
-
7.0
-
-
-
V
DD = 5.0V
t
H
Hold time data from clock
2.0
-
2.0
-
-
2.0
-
ns
V
DD = 3.0 or 5.0V
f
CLK
Clock frequency
-
-
-
-
8.0
-
-
MHz
V
DD = 3.0V
-
-
-
-
20
-
-
V
DD = 5.0V
t
R, tF
Clock rise and fall times
-
50
-
-
50
-
50
ns
---
t
ON
Turn on time
-
5.0
-
-
5.0
-
5.0
μs
V
SIG = -100V,
R
LOAD = 10kΩ to GND
t
OFF
Turn off time
-
5.0
-
-
5.0
-
5.0
dv/dt
Maximum V
SIG slew rate
-
20
-
-
20
-
20
V/ns
V
PP = +40V, VNN = -200V
-
20
-
-
20
-
20
V
PP = +50V, VNN = -190V
-
20
-
-
20
-
20
V
PP = +15V, VNN = -225V
K
O
Off isolation
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz, V
OFFSET = -15V,
1.0KΩ/15pF load
-58
-
-58
-
-
-58
-
f = 5.0MHz, V
OFFSET = -15V,
50Ω load
K
CR
Switch crosstalk
-
-
-60
-
-
-
-
dB
f = 5.0MHz, V
OFFSET = -15V,
50Ω load
I
ID
Output switch isolation diode
current
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off capacitance SW to GND
-
-
-
18
-
-
-
pF
f = 1.0MHz, V
OFFSET = -15V
C
SG(ON)
On capacitance SW to GND
-
-
-
70
-
-
-
pF
f = 1.0MHz, V
OFFSET = -15V
+V
SPK
Output voltage spike
-
-
-
59
-
-
-
mV
V
PP = +40V, VNN = -200V,
R
LOAD = 50Ω
-V
SPK
-
-
-
115
-
-
-
+V
SPK
-
-
-
71
-
-
-
V
PP = +50V, VNN = -190V,
R
LOAD = 50Ω
-V
SPK
-
-
-
115
-
-
-
+V
SPK
-
-
-
56
-
-
-
V
PP = +15V, VNN = -225V,
R
LOAD = 50Ω
-V
SPK
-
-
-
115
-
-
-
QC
Charge injection
-
-
-
1950
-
-
-
pC
V
PP = +40V, VNN = -200V,
V
SIG = 0V
-
-
-
1890
-
-
-
V
PP = +50V, VNN = -190V,
V
SIG = 0V
-
-
-
2110
-
-
-
V
PP = +15V, VNN = -225V,
V
SIG = 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com