Electronic Components Datasheet Search
  English  ▼

X  

HV2221 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV2221
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2221 Datasheet(HTML) 5 Page - Supertex, Inc

  HV2221 Datasheet HTML 1Page - Supertex, Inc HV2221 Datasheet HTML 2Page - Supertex, Inc HV2221 Datasheet HTML 3Page - Supertex, Inc HV2221 Datasheet HTML 4Page - Supertex, Inc HV2221 Datasheet HTML 5Page - Supertex, Inc HV2221 Datasheet HTML 6Page - Supertex, Inc HV2221 Datasheet HTML 7Page - Supertex, Inc HV2221 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HV2221
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Truth Table
D0
D1
D2
D3
D4
D5
D6
D7
LE
CLR SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
X
X
X
X
X
X
X
X
H
L
Hold Previous State
X
X
X
X
X
X
X
X
X
H
All Switches Off
Notes:
1.
The eight switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift register data flow through the latch.
4.
D
OUT is high when data in the shift register 7 is high.
5.
Shift register clocking has no effect on the switch states if LE is high.
6.
The CLR clear input overrides all other inputs.
Logic Timing Waveforms
DATA IN
LE
CLK
DATA OUT
OFF
ON
V
OUT
(typ)
50%
50%
50%
50%
t
WLE
t
SD
t
SU
t
h
50%
50%
t
OFF
50%
t
DO
t
ON
t
WCL
CLR
D
N+1
D
N
D
N-1
50%
50%
90%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com