Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # FR151
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR151 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  FR151 Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR151 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
J
°
µ
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.3 Typical Junction Capacitance
R
TJ=25 C
f = 10MHz
°
10
100
200
1
10
100
I , PEAK FWD SURGE CURRENT (A)
Fig. 4 Peak Forward Surge Current
F
T =150 C
J
°
8.3ms Single Half Sine Wave
0
0.5
1.0
1.5
2.0
0
25
50
75
100 125
150 175
T , AMBIENT TEMPERATURE ( C)
Fig.1 Forward Derating Curve
A
°
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com