Electronic Components Datasheet Search
  English  ▼

X  

HV300 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV300
Description  Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV300 Datasheet(HTML) 2 Page - Supertex, Inc

  HV300 Datasheet HTML 1Page - Supertex, Inc HV300 Datasheet HTML 2Page - Supertex, Inc HV300 Datasheet HTML 3Page - Supertex, Inc HV300 Datasheet HTML 4Page - Supertex, Inc HV300 Datasheet HTML 5Page - Supertex, Inc HV300 Datasheet HTML 6Page - Supertex, Inc HV300 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV300
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
Package Option
8-Lead SOIC
4.90x3.90mm body
1.75mm height (max)
1.27mm pitch
HV300
HV300LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
EE referenced to VDD pin
+0.3 to -100V
V
PWRGD referenced to VEE voltage
-0.3 to +100V
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
UV and OV referenced to V
EE
-0.3 to +12V
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
Sym
Parameter
Min
Typ Max Units Conditions
Supply (Referenced to VDD pin)
V
EE
Supply voltage
-90
-
-10
V
---
I
EE
Supply current
-
550
650
µA
V
EE = -48V, mode = limiting
Standby mode supply current
-
330
400
µA
V
EE = -48V, mode = standby
OV and UV Control (Referenced to VEE pin)
V
UVH
UV high threshold
-
1.26
-
V
Low to high transition
V
UVL
UV low threshold
-
1.16
-
V
High to low transition
V
UVHY
UV hysteresis
-
100
-
mV
---
V
OVH
OV high threshold
-
1.26
-
V
Low to high transition
V
OVL
OV low threshold
-
1.16
-
V
High to low transition
V
OVHY
OV hysteresis
-
100
-
mV
---
Electrical Characteristics (V
IN = -10 to -90V, -40°C ≤ TA ≤ +85°C unless otherwise noted)
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV300
L L L L
8-Lead SOIC (LG)
(top view)
Product Marking
1
2
3
4
8
7
6
5
PWRGD
OV
UV
VEE
VDD
RAMP
GATE
SENSE
8-Lead SOIC (LG)
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com