Electronic Components Datasheet Search
  English  ▼

X  

HV254FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV254FG-G
Description  32-Channel High Voltage Amplifier Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV254FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV254FG-G Datasheet HTML 1Page - Supertex, Inc HV254FG-G Datasheet HTML 2Page - Supertex, Inc HV254FG-G Datasheet HTML 3Page - Supertex, Inc HV254FG-G Datasheet HTML 4Page - Supertex, Inc HV254FG-G Datasheet HTML 5Page - Supertex, Inc HV254FG-G Datasheet HTML 6Page - Supertex, Inc HV254FG-G Datasheet HTML 7Page - Supertex, Inc HV254FG-G Datasheet HTML 8Page - Supertex, Inc HV254FG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HV254
Supertex inc.
www.supertex.com
Doc.# DSFP-HV254
C070813
Operating Conditions
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Parameter
Value
V
PP, High voltage supply
275V
V+, Low voltage positive supply
7.0V
V-, Low voltage negative supply
-7.0V
HV
OUT, Output voltage
0V to 275V
V
IN, Analog input signal
0V to 5.0V
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
Sym
Parameter
Min
Typ
Max
Units Conditions
V
PP
High voltage positive supply
50
-
275
V
---
V+
Low voltage positive supply
4.75
5.00
5.25
V
---
V-
Low voltage negative supply
-4.75
-5.00
-5.25
V
---
I
PP
V
PP supply current
1.0
-
2.5
mA
V
PP = 275V. All inputs set at 140mV.
Typically 45µA per channel.
I+
V+ supply current
-
-
1.0
mA
V+ = 5.25V
I-
V- supply current
-
-
-3.0
mA
V- = -5.25V
T
A
Ambient temperature range
-10
-
70
°C
---
T
J
Operating temperature range
-10
-
125
°C
---
Pin Configuration
1
100
Product Marking
100-Lead MQFP
(top view)
100-Lead MQFP
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV254FG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV254FG-G
100-Lead MQFP
66/Tray
Typical Thermal Resistance
Package
θ
ja
100-Lead MQFP
39OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com