Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 5 Page - Supertex, Inc

  HV232_13 Datasheet HTML 1Page - Supertex, Inc HV232_13 Datasheet HTML 2Page - Supertex, Inc HV232_13 Datasheet HTML 3Page - Supertex, Inc HV232_13 Datasheet HTML 4Page - Supertex, Inc HV232_13 Datasheet HTML 5Page - Supertex, Inc HV232_13 Datasheet HTML 6Page - Supertex, Inc HV232_13 Datasheet HTML 7Page - Supertex, Inc HV232_13 Datasheet HTML 8Page - Supertex, Inc HV232_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV232
C071613
HV232
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
V
OUT
(typ)
50%
50%
50%
50%
t
WLE
t
SD
t
SU
t
h
50%
50%
t
OFF
50%
t
DO
t
ON
t
WCL
CLR
D
N+1
D
N
D
N-1
50%
50%
90%
10%
Logic Timing Waveforms
Truth Table
D0
D1
D2
D3
D4
D5
D6
D7
LE
CLK SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
X
X
X
X
X
X
X
X
H
L
Hold Previous State
X
X
X
X
X
X
X
X
X
H
All Switches Off
Notes:
1.
The eight switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift register data flow through the latch.
4.
D
OUT is high when data in the shift register 7 is high.
5.
Shift register clocking has no effect on the switch states if LE is high.
6.
The CLR clear input overrides all other inputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com