Electronic Components Datasheet Search
  English  ▼

X  

PR1001G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # PR1001G
Description  FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PR1001G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  PR1001G Datasheet HTML 1Page - SUNMATE electronic Co., LTD PR1001G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PR1007G
PR1006G
PR1005G
PR1004G
PR1003G
PR1002G
PR1001G
PR1001G - PR1007G
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
.
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100
°C
IRM
5.0
50
µA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Total Capacitance (Note 2)
CT
15
8
pF
Typical Thermal Resistance Junction to Ambient
RθJA
95
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
Features
Diffused Junction
Fast Switching for High Efficiency
High Current Capability and Low Forward
Voltage Drop
Low Reverse Leakage Current
FAST RECOVERYGLASS PASSIVATED RECTIFIER DIODES
!
!
!
!
1 of 2
www.sunmate.tw
Case: DO-41Molded Plastic
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Mechanical Data
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41


Similar Part No. - PR1001G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1001G DIODES-PR1001G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. D1-2
logo
Compact Technology Corp...
PR1001G CTC-PR1001G Datasheet
64Kb / 2P
FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
logo
Diodes Incorporated
PR1001G DIODES-PR1001G Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 9 - 2
PR1001G DIODES-PR1001G Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
PR1001G ZSELEC-PR1001G Datasheet
135Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - PR1001G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
FR101G SUNMATE-FR101G Datasheet
313Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR151G SUNMATE-FR151G Datasheet
330Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR201G SUNMATE-FR201G Datasheet
300Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR301G SUNMATE-FR301G Datasheet
261Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR601G SUNMATE-FR601G Datasheet
321Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1501G SUNMATE-PR1501G Datasheet
287Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR2001G SUNMATE-PR2001G Datasheet
266Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR3001G SUNMATE-PR3001G Datasheet
259Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
SRGPP3J SUNMATE-SRGPP3J Datasheet
301Kb / 2P
GLASS PASSIVATED FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com