Electronic Components Datasheet Search
  English  ▼

X  

LT1009CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LT1009CD
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1009CD Datasheet(HTML) 2 Page - Texas Instruments

  LT1009CD Datasheet HTML 1Page - Texas Instruments LT1009CD Datasheet HTML 2Page - Texas Instruments LT1009CD Datasheet HTML 3Page - Texas Instruments LT1009CD Datasheet HTML 4Page - Texas Instruments LT1009CD Datasheet HTML 5Page - Texas Instruments LT1009CD Datasheet HTML 6Page - Texas Instruments LT1009CD Datasheet HTML 7Page - Texas Instruments LT1009CD Datasheet HTML 8Page - Texas Instruments LT1009CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Q14
Q11
Q13
Q12
Q9
Q10
Q8
Q7
Q2
Q1
Q3
Q4
Q5
Q6
ANODE
CATHODE
ADJ
30 k
Ω
500
Ω
720
Ω
10 k
Ω
20 pF
30 pF
24 k
Ω
24 k
Ω
6.6 k
Ω
6.6 k
Ω
LT1009
SLVS013N – MAY 1987 – REVISED MAY 2009................................................................................................................................................................. www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 75
LT1009CD
SOIC – D
1009C
Reel of 2500
LT1009CDR
Bulk of 1000
LT1009CLP
0°C to 70°C
TO-226/TO-92 – LP
Ammo of 2000
LT1009CLPM
LT1009C
Reel of 2000
LT1009CLPR
Tube of 150
LT1009CPW
TSSOP – PW
1009C
Reel of 2000
LT1009CPWR
Tube of 75
LT1009ID
SOIC – D
1009I
Reel of 2500
LT1009IDR
Bulk of 1000
LT1009ILP
–40°C to 85°C
TO-226/TO-92 – LP
Ammo of 2000
LT1009ILPM
LT1009I
Reel of 2000
LT1009ILPR
Tube of 150
LT1009IPW
TSSOP – PW
1009I
Reel of 2000
LT1009IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SCHEMATIC
NOTE: All component values shown are nominal.
2
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com