Electronic Components Datasheet Search
  English  ▼

X  

LT1009CLPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LT1009CLPR
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1009CLPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LT1009CLPR Datasheet HTML 3Page - Texas Instruments LT1009CLPR Datasheet HTML 4Page - Texas Instruments LT1009CLPR Datasheet HTML 5Page - Texas Instruments LT1009CLPR Datasheet HTML 6Page - Texas Instruments LT1009CLPR Datasheet HTML 7Page - Texas Instruments LT1009CLPR Datasheet HTML 8Page - Texas Instruments LT1009CLPR Datasheet HTML 9Page - Texas Instruments LT1009CLPR Datasheet HTML 10Page - Texas Instruments LT1009CLPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
APPLICATION INFORMATION
Output
LT1009
10-k
Ω
Trim
(see Note A)
3.6 k
Ω
5 V to 35 V
LT1009
3.6 V to 40 V
LM334
V+
V−
62
Ω
10 k
Ω
R
Output
LT1009
VI
374
Ω
2 k
Ω
OUT
IN
ADJ
LT1084
1.2 k
Ω
10
µF
10
µF
VO
LT1009
www.ti.com................................................................................................................................................................. SLVS013N – MAY 1987 – REVISED MAY 2009
A.
This does not affect temperature coefficient. It provides ±5% trim range.
Figure 8. 2.5-V Reference
Figure 9. Adjustable Reference With Wide Supply Range
Figure 10. Power Regulator With Low Temperature Coefficient
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com