Electronic Components Datasheet Search
  English  ▼

X  

TPS73601 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS73601
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73601 Datasheet HTML 9Page - Texas Instruments TPS73601 Datasheet HTML 10Page - Texas Instruments TPS73601 Datasheet HTML 11Page - Texas Instruments TPS73601 Datasheet HTML 12Page - Texas Instruments TPS73601 Datasheet HTML 13Page - Texas Instruments TPS73601 Datasheet HTML 14Page - Texas Instruments TPS73601 Datasheet HTML 15Page - Texas Instruments TPS73601 Datasheet HTML 16Page - Texas Instruments TPS73601 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
Reverse Current
Power Dissipation
Thermal Protection
P
D
+ (VIN * VOUT)
I
OUT
(6)
Package Mounting
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
expected ambient temperature and worst-case load.
The NMOS pass element of the TPS736xx provides
The internal protection circuitry of the TPS736xx has
inherent protection against current flow from the
been designed to protect against overload conditions.
output of the regulator to the input when the gate of
It was not intended to replace proper heat sinking.
the pass device is pulled low. To ensure that all
Continuously running the TPS736xx into thermal
charge is removed from the gate of the pass element,
shutdown will degrade reliability.
the enable pin must be driven low before the input
voltage is removed. If this is not done, the pass
element may be left on due to stored charge on the
The ability to remove heat from the die is different for
gate.
each package type, presenting different consider-
After the enable pin is driven low, no bias voltage is
ations in the PCB layout. The PCB area around the
needed on any pin for reverse current blocking. Note
device that is free of other components moves the
that reverse current is specified as the current flowing
heat from the device to the ambient air. Performance
out of the IN pin due to voltage applied on the OUT
data for JEDEC low and high K boards are shown in
pin. There will be additional current flowing into the
the Power Dissipation Ratings table. Using heavier
OUT pin due to the 80k
Ω internal resistor divider to
copper will increase the effectiveness in removing
ground (see Figure 1 and Figure 2).
heat
from
the
device.
The
addition
of
plated
through-holes to heat-dissipating layers will also im-
For the TPS73601, reverse current may flow when
prove the heat-sink effectiveness.
VFB is more than 1.0V above VIN.
Power dissipation depends on input voltage and load
conditions. Power dissipation is equal to the product
of the output current times the voltage drop across
Thermal protection disables the output when the
the output pass element (VIN to VOUT):
junction temperature rises to approximately 160°C,
allowing the device to cool. When the junction tem-
perature cools to approximately 140°C, the output
Power dissipation can be minimized by using the
circuitry is again enabled. Depending on power dissi-
lowest possible input voltage necessary to assure the
pation, thermal resistance, and ambient temperature,
required output voltage.
the thermal protection circuit may cycle on and off.
This limits the dissipation of the regulator, protecting
it from damage due to overheating.
Any tendency to activate the thermal protection circuit
Solder
pad
footprint
recommendations
for
the
indicates excessive power dissipation or an inad-
TPS736xx are presented in Application Bulletin
equate heat sink. For reliable operation, junction
Solder Pad Recommendations for Surface-Mount De-
temperature should be limited to 125°C maximum. To
vices (AB-132), available from the Texas Instruments
estimate the margin of safety in a complete design
web site at www.ti.com.
(including heat sink), increase the ambient tempera-
ture until the thermal protection is triggered; use
worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
35°C above the maximum expected ambient con-
dition of your application. This produces a worst-case
junction
temperature
of
125°C
at
the
highest
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com