Electronic Components Datasheet Search
  English  ▼

X  

VT800CT Datasheet(PDF) 73 Page - PerkinElmer Optoelectronics

Part # VT800CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT800CT Datasheet(HTML) 73 Page - PerkinElmer Optoelectronics

Back Button VT800CT Datasheet HTML 68Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 69Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 70Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 71Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 72Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 73Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 74Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 75Page - PerkinElmer Optoelectronics VT800CT Datasheet HTML 76Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
68
Application Notes—Analog Optical Isolators
The best policy is one which prevents tarnish from forming. Tarnish,
which is a compound formed when silver reacts with sulfur (Ag2S), can
be prevented by keeping the components away from sulfur or sulfur
compounds. Since two major sources of sulfur are room air and paper
products, it is best to store the devices in protective packaging such as
a “silver saver” paper or tightly sealed polyethylene bags.
After soldering, it is necessary to clean the components to remove any
rosin and ionic residues. For a listing of recommended cleaning agents
please refer to Application Notes #3.
APPLICATION NOTE #3
Recommended Cleaning Agents
The construction of an AOI consists of a cast epoxy LED, ceramic
photocell, a molded case and epoxy as the end fill. This construction
allows a wide variety of cleaning agents to be sued after soldering.
In many cases the devices will be exposed to a post solder cleaning
operation which uses one or more solvents to remove the residual
solder flux and ionic contaminants. Only certain cleaning solvents are
compatible with the plastics used in the AOI packages.
This listing of recommended/not recommended solvents represents
only a very small percentage of available chemical cleaning agents.
Even with this list of recommended solvents it is important to be aware
that:
1.
Solvent exposure times should be as short as possible.
2.
The exact requirement of the cleaning process will vary from
customer to customer and application to application.
3.
Additives and concentrations will vary from supplier to supplier.
Because of these uncertainties, our recommendation is that all
customers carefully evaluate their own cleaning process and draw their
own conclusions about the effectiveness and reliability of the process.
PerkinElmer cannot assume any responsibility for damage caused by
the use of any of the solvents above or any other solvents used in a
cleaning process.
Recommended
Not Recommended
Arklone A
Acetone
Arklone K
Carbon Tetrachloride
Arklone F
Methyl Ethyl Ketone
Blaco-Tron DE-15
Methylene Chloride
Blaco-Tron DI-15
Trichloroethylene (TCE)
Freon TE
Xylene
Freon TES
Trichloroethane FC-111
Freon TE-35
Trichloroethane FC-112
Freon TP
Freon TF
Freon TF-35
Freon TA
Genesolv D
Freon TMC
Genesolv DE-15
Freon TMS
Genesolv DI-15
Genesolv DA
Isopropyl Alcohol
Genesolv DM
Water
Genesolv DMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com