Electronic Components Datasheet Search
  English  ▼

X  

BAS20W Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS20W
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS20W Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS20W Datasheet HTML 1Page - Diode Semiconductor Korea BAS20W Datasheet HTML 2Page - Diode Semiconductor Korea BAS20W Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Switching Diode BAS19W/BAS20W/BAS21W
FEATURES
Fast switching speed.
High conductance.
For general purpose switching applications.
Surface mount package ideally suited
for automatic insertion.
APPLICATIONS
SOT-323
For general purpose switching applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS19W
KA8
SOT-323
BAS20W
KT2
SOT-323
BAS21W
KT3
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
BAS19W
BAS20W
BAS21W
Unit
Repetitive Peak reverse voltage
VRRM
120
200
250
V
Diode reverse voltage
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward continuous Current
IF
400
mA
Average rectified output current
IO
200
mA
Forward Surge Current
t=1.0μS
t=1.0S
IFSM
2.5
0.5
A
Power Dissipation
Pd
200
mW
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-65-+150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAS20W DIODES-BAS20W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS20W COMCHIP-BAS20W Datasheet
79Kb / 2P
Surface Mount Switching Diode
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
81Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
TRANSYS Electronics Lim...
BAS20W TEL-BAS20W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
More results

Similar Description - BAS20W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com