Electronic Components Datasheet Search
  English  ▼

X  

DB3M Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # DB3M
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

DB3M Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  DB3M Datasheet HTML 1Page - Diode Semiconductor Korea DB3M Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
ABSOLUTE RATINGS
Power dissipation on printed
TA=50
oC
Pc
mW
Repetitive peak on-state
tp=20
S
current
f=120Hz
ITRM
A
Operating junction temperature
TJ
oC
Storage temperature
TSTG
oC
Min
28
35
Typ
32
40
Max
36
45
Output voltage (NOTE 1)
Vo
Min
V
Breakover current (NOTE 1)
IBO
Max
A
Rise time (NOTE 1)
tr
Typ
S
Leakage current (NOTE 1)
IR
Max
A
2. Connected in parallel w ith the devices
NOTE: 1. Electrical characteristics applicable in both forw ard and reverse dirctions.
5.0
5.0
100.0
1.5
V
R=0.5 VBO
See FIG.1
10.0
C=22nf(NOTE 2)
Breakover voltage (NOTE 1)
Breakover voltage symmetry
Dynamic breakover voltage (NOTE 1)
VBO
UNITS
150.0
I+VBO I-
I-VBOI
I±
VI
C=22nf(NOTE 2)
See FIG.1
I=(IBO to IF=10mA)
See FIG.1
V
V
±3.0
V
Parameters
Symbols
UNITS
DB3M,DB4M
DB3M.DB4M
VOLTAGE RANGE: 28-45 V
SILICON BIDIRECTIONAL DIACS
MINI-MELF
The three layer,two termnal,hermetically sealed diacs
are designed specifically for triggering thyristors.
They demonstrate low break over current at break
over voltage as they withstand peak pulse current,
The breakover symmetry is within three volts(DB6).
These diacs are intended for use in thyrisitors
phase control,circuits for lamp dimming,universal
motor speed control,and heat control.
Parameters
See FIG.3
2.0
-40--- +125
C=22nf(NOTE 2)
See FIG.1
ELECTRICAL CHARACTERISTICS
Test Conditions
-40--- +125
DB3M
DB4M
See FIG.2
Max
Min
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - DB3M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3MJ BILIN-DB3MJ Datasheet
130Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DB3M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB3 HY-DB3 Datasheet
45Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com