Electronic Components Datasheet Search
  English  ▼

X  

VT300 Datasheet(PDF) 69 Page - PerkinElmer Optoelectronics

Part # VT300
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT300 Datasheet(HTML) 69 Page - PerkinElmer Optoelectronics

Back Button VT300 Datasheet HTML 65Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 66Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 67Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 68Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 69Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 70Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 71Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 72Page - PerkinElmer Optoelectronics VT300 Datasheet HTML 73Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
64
Application Notes—Analog Optical Isolators
This reduced low frequency power rating can be accommodated by
using a limited circuit which reduces the limit threshold when the
frequency is below 200 Hz. Figure 8a shows a very simple circuit to do
this. At low frequency, the gain of amplifier A1 is unity. The amplifier
has a 6 db/octave gain roll-off starting at 25 Hz and levels off at 100
Hz. Therefore it will take a signal that is four times as large at 100 Hz
as at 25 Hz before limiting action starts. Breakpoints in the Frequency
vs. Gain curve shown in Figure 8b can be set to match the speaker
frequency dependent power limit. Also, potentiometer R4 can be set to
match the power rating and impedance of the speaker.
The threshold is set by the sum of VBE of Q1 and the forward voltage
drops of D1 and the LED, approximately 2.8V peak or 2.0 VRMS. Once
the threshold has been exceeded, current is injected into the LED of
the AOI which attenuates the signal voltage. This voltage divider can
be placed anywhere in the signal path. Once the limiter comes into
play, the system frequency response will no longer be flat, but no
distortion is introduced.
Automatic Gain Control
Automatic gain control (AGC) circuits have electrically programmable
references or set points, but in other respects are the same as limiters
or compressor circuits. Each has a forward gain amplifier and a loop
which controls the gain of that amplifier.
Figure 8a. Speaker Power Limiter with Frequency Compensation
Figure 8b. Amplitude vs. Frequency for the Amplifier
Figure 8c. System Voltage Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com