Electronic Components Datasheet Search
  English  ▼

X  

VT300CT Datasheet(PDF) 71 Page - PerkinElmer Optoelectronics

Part # VT300CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT300CT Datasheet(HTML) 71 Page - PerkinElmer Optoelectronics

Back Button VT300CT Datasheet HTML 67Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 68Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 69Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 70Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 71Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 72Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 73Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 74Page - PerkinElmer Optoelectronics VT300CT Datasheet HTML 75Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
66
Application Notes—Analog Optical Isolators
The control loop consists of op-amp A2 and resistors R1 and R4. This
circuit sets the LED current so that:
If we set:
R3 = R4
and:
R1 = R2
then:
eout / ein = VREF / VC
or:
eout = ein (VREF / VC)
where
VC = control voltage
Note that R1 and R2 are the two halves of the cell. These two resistors
match within 10% and track over a wide range within 5% so that the
gain is closely set by VC when VREF is fixed.
The limits of operation are:
0 < VC < VREF
and the signal must never be so large that amplifier A1 saturates when
the gain is at maximum.
This circuit performs a dividing operation with ein and VC as the
numerator and denominator respectively. The accuracy is limited by
the tracking ability of the two sides of the photocell. The error due to
matching can be eliminated by trimming R4.
Figure 10. Electrically Programmable Gain
V
REF
V
C
-----------
R
1
R
4
+
()
R
1
----------------------
=
e
out
e
in
--------
V
REF
V
C
-----------
Gain
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com