Electronic Components Datasheet Search
  English  ▼

X  

TLE2237CDW Datasheet(PDF) 15 Page - Texas Instruments

Part # TLE2237CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2237CDW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2237CDW Datasheet HTML 11Page - Texas Instruments TLE2237CDW Datasheet HTML 12Page - Texas Instruments TLE2237CDW Datasheet HTML 13Page - Texas Instruments TLE2237CDW Datasheet HTML 14Page - Texas Instruments TLE2237CDW Datasheet HTML 15Page - Texas Instruments TLE2237CDW Datasheet HTML 16Page - Texas Instruments TLE2237CDW Datasheet HTML 17Page - Texas Instruments TLE2237CDW Datasheet HTML 18Page - Texas Instruments TLE2237CDW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
40
35
30
25
20
15
10
5
12
8
4
0
–4
–8
VIC – Common-Mode Input Voltage – V
–12
0
VCC
± = ±15 V
TA = 25°C
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
Figure 10
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
010
30
40
50
60
70
20
16
12
8
4
0
20
VCC
± = ±15 V
VIC = 0
–8
–4
Figure 11
INPUT CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
1.8
1.2
0.6
0
– 0.6
– 1.2
1
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
VID – Differential Input Voltage – V
– 1.8
–1
VCC
± = ±15 V
VIC = 0
TA = 25°C
Figure 12
10 M
1 M
100 k
30
25
20
15
10
5
f – Frequency – Hz
10 k
0
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com