Electronic Components Datasheet Search
  English  ▼

X  

DS36950 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36950
Description  Quad Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36950 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS36950 Datasheet HTML 4Page - National Semiconductor (TI) DS36950 Datasheet HTML 5Page - National Semiconductor (TI) DS36950 Datasheet HTML 6Page - National Semiconductor (TI) DS36950 Datasheet HTML 7Page - National Semiconductor (TI) DS36950 Datasheet HTML 8Page - National Semiconductor (TI) DS36950 Datasheet HTML 9Page - National Semiconductor (TI) DS36950 Datasheet HTML 10Page - National Semiconductor (TI) DS36950 Datasheet HTML 11Page - National Semiconductor (TI) DS36950 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Parameter Measurement Information (Continued)
Note 12: The input pulse is supplied by a generator having the following characteristics:
f = 1.0 MHz, 50% Duty Cycle, tf and tr < 6.0 ns, ZO =50Ω
Note 13: CL includes probe and stray capacitance.
Note 14: Diodes are 1N916 or equivalent.
Note 15: Differential propagation delays are calculated from single-ended propagation delays measured from driver input to the 20% and 80% levels on the driver
outputs (See Figure 8).
Typical Performance Characteristics
Driver Differential Propagation
Delay vs Temperature
Driver Differential Propagation
Delay vs V
CC
01060223
01060224
01060220
TCP = Crossing Point
Tra, Trb, Tfa, and Tfb are propagation delay
measurements to the 20% and 80% levels.
FIGURE 8. Propagation Delay Timing for Calculation of Driver Differential Propagation Delays
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com