Electronic Components Datasheet Search
  English  ▼

X  

VTL5C2/2 Datasheet(PDF) 34 Page - PerkinElmer Optoelectronics

Part # VTL5C2/2
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C2/2 Datasheet(HTML) 34 Page - PerkinElmer Optoelectronics

Back Button VTL5C2/2 Datasheet HTML 30Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 31Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 32Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 33Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 34Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 35Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 36Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 37Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 38Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
29
What Are Analog Optical Isolators?
Light History Considerations
Photoconductive cells exhibit a phenomenon knows as hysteresis, light
memory, or light history effect. Special consideration must be given to
this characteristic in the analog optoisolator because the
photoconductive element is normally in the dark. This will lead to
having the photocell initially in a “dark adapted” state in many
conditions.
The light levels that are seen by the photocell in many analog
optoisolator applications are quite low, ranging from 0.1 to 1.0 fc. The
effect of this combination of dark adapt and low light levels will be seen
in the following table.
The table shows the relationship between light history and light
resistance at various light levels for different material types. The values
shown were determined by dividing the resistance of a given cell,
following “infinite” light history (RLH), by the resistance of the same cell
following infinite dark history (RDH). For practical purposes, 24 hours in
the dark will achieve RDH or 24 at approximately 30 fc will achieve RLH.
Variation of Resistance with Light History Expressed as a
Ratio RLH/RDH at Various Test Illumination Levels
The table illustrates the fact that the resistance of a photocell can
increase substantially as it transitions from dark adapted state to a light
adapted state. The table shows that the Type 1 photocell can increase
resistance by a factor of more than three times as it light adapts up to
0.1 fc. In some applications, this can be an important consideration. In
general, the magnitude of this effect is larger for types 1, 4, and 7 than
for types Ø, 2, and 3.
Each specific material type represents a tradeoff between several
characteristics. Selecting the best material is a process of determining
what characteristics are most important in the application. The chart
gives some appreciation for the general interrelationships between the
material types and their properties.
Material
Type
Illumination (fc)
0.01
0.1
1.0
10
100
Type Ø
1.60
1.40
1.20
1.10
1.10
Type 1
5.50
3.10
1.50
1.10
1.05
Type 2
1.50
1.30
1.20
1.10
1.10
Type 3
1.50
1.30
1.20
1.10
1.10
Type 4
4.50
3.00
1.70
1.10
1.10
Type 7
1.87
1.50
1.25
1.15
1.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com